Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32TS60 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32TS60
Description  Multitouch screen controller device using a digital resistive touchpanel with I짼C, SPI, UART and USB interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32TS60 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32TS60 Datasheet HTML 10Page - STMicroelectronics STM32TS60 Datasheet HTML 11Page - STMicroelectronics STM32TS60 Datasheet HTML 12Page - STMicroelectronics STM32TS60 Datasheet HTML 13Page - STMicroelectronics STM32TS60 Datasheet HTML 14Page - STMicroelectronics STM32TS60 Datasheet HTML 15Page - STMicroelectronics STM32TS60 Datasheet HTML 16Page - STMicroelectronics STM32TS60 Datasheet HTML 17Page - STMicroelectronics STM32TS60 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Part numbering
STM32TS60
16/18
Doc ID 16925 Rev 1
4
Part numbering
For further information on any aspect of this device, please contact your nearest ST Sales
Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 5.
Ordering information scheme
Example:
STM32 TS
60
Z
H
6
xx
y
Device family
STM32 = ARM-based 32-bit microcontroller
Device sub-family
TS = touchscreen family
Touch sensing technology
60 = multitouch resistive
Pin count
Z = 144 pins
Package
H = UFBGA
Temperature range
6 = industrial temperature range –40°C to 85°C
Firmware configuration
Firmware revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com