Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT4 Datasheet(PDF) 2 Page - AZ Displays

Part # PD064VT4
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 Datasheet(HTML) 2 Page - AZ Displays

  PD064VT4 Datasheet HTML 1Page - AZ Displays PD064VT4 Datasheet HTML 2Page - AZ Displays PD064VT4 Datasheet HTML 3Page - AZ Displays PD064VT4 Datasheet HTML 4Page - AZ Displays PD064VT4 Datasheet HTML 5Page - AZ Displays PD064VT4 Datasheet HTML 6Page - AZ Displays PD064VT4 Datasheet HTML 7Page - AZ Displays PD064VT4 Datasheet HTML 8Page - AZ Displays PD064VT4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:2
Revision History
Rev. Eng.
Issued
Date Revised
Contents
1.0
Mar 11,2004
New
1.1
Mar 12,2004
Modify
Page 3. Mechanical Specifications (Weight from 270g to 340g )
Page 4. Mechanical Drawing of TFT-LCD Module
(Module with back cover)
1.2
Nov 01,2004
Modify
Page7: 7-2)Recommended Operation Condition for backlight
Kick off voltage(25℃) from 790 to 970
Add:
Kick-off voltage(0℃)
Page22: Packing drawing
1.3
Jan 11,2005
Remove Page 20: Indication of Lot Number Label
Add Page 20: Reliability
(Note the protective film must be remove before temperature test)
1.4
Dec 05,2005
Page4
Mechanical Drawing of TFT-LCD Module
1.Add screw torsion SPEC.(1.5kgf-cm , Max)
2.Modify switch1 Pin NO. from 9 pins to 8 Pins
3.Modify switch1 Pin NO. from 3 pins to 2 Pins
Page14
7-8)Control Board Dip switch Format
SW1-2 (Rework): form Default(ON) modify to Default(OFF)
SW1-3 (Rework) :form Default(OFF) modify to Default(ON)
SW1-4 (Rework): form Default(OFF) modify to Default(ON)
1.5
蔡弘毅
Apr 28 2006,
Page8: 7-4)Input/ Output signal timing chart
Hsync (Back-porch) Typ. From 48tc modify to 46tc
Hsync(Front-porch) Typ. From 16tc modify to 18tc
Hsync(Hpw+Hbp) Typ. From
144 tc modify to 142 tc
Page14
7-8)Control Board Dip switch Format
SW1-2 (Rework): form Default(OFF) modify to Default(ON)
SW1-3 (Rework) :form Default(ON) modify to Default(OFF)
SW1-4 (Rework): form Default(ON) modify to Default(OFF)
1.6
蔡弘毅
May 23, 2006
Page 16
9. Optical Characteristic
9-1) Specification : lamp life time
from 20,000(typ)hrs modify to 50,000 (Min)
8.0
黃秀晶
July 11, 2007
Remove “Revision History” from Page23 to Page2
Modify Page2 Revision from 1.7 to 8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com