Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT4 Datasheet(PDF) 15 Page - AZ Displays

Part # PD064VT4
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 Datasheet(HTML) 15 Page - AZ Displays

Back Button PD064VT4 Datasheet HTML 11Page - AZ Displays PD064VT4 Datasheet HTML 12Page - AZ Displays PD064VT4 Datasheet HTML 13Page - AZ Displays PD064VT4 Datasheet HTML 14Page - AZ Displays PD064VT4 Datasheet HTML 15Page - AZ Displays PD064VT4 Datasheet HTML 16Page - AZ Displays PD064VT4 Datasheet HTML 17Page - AZ Displays PD064VT4 Datasheet HTML 18Page - AZ Displays PD064VT4 Datasheet HTML 19Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:15
7-8) Control Board Dip Switch Format
SW1(8 Pins)
Item
Symbol
Condition
Remark
SW 1-1
-
No connection
Default (OFF)
SW 1-2
HP3
Horizontal Shift (8 Line)
Default (ON)
SW 1-3
HP2
Horizontal Shift (4 Line)
Default (OFF)
SW 1-4
HP1
Horizontal Shift (2 Line)
Default (OFF)
SW 1-5
HP0
Horizontal Shift (1 Line)
Default (ON)
SW 1-6
VP2
Vertical Shift (4 Line)
Default (OFF)
SW 1-7
VP1
Vertical Shift (2 Line)
Default (ON)
SW 1-8
VP0
Vertical Shift (1Line)
Default (ON)
1. The default state is base on SYNC. mode (VGA-480)
2. Total horizontal shift line are 15 lines (HP0~HP3 on)
Total vertical shift line are 7 lines (VP0~VP2 on)
SW2 (2 Pins)
Item
Symbol
Condition
Remark
SW 2-1
UD
Vertical Image Shift-direction Select
Default (ON)
SW 2-2
RL
Horizontal Image Shift-direction Select
Default (ON)
8. Power On Sequence
3.0 V
3.0 V
0 s< t <35 ms
0 s< t <35 ms
35ms
0<17ms
Signal
Backlight
VCC
1. The supply voltage for input signals should be same as VCC.
2. When the power is off , please keep whole signals (Hsync, Vsync, CLK, Data) low level or high
impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com