Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT4 Datasheet(PDF) 12 Page - AZ Displays

Part # PD064VT4
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 Datasheet(HTML) 12 Page - AZ Displays

Back Button PD064VT4 Datasheet HTML 8Page - AZ Displays PD064VT4 Datasheet HTML 9Page - AZ Displays PD064VT4 Datasheet HTML 10Page - AZ Displays PD064VT4 Datasheet HTML 11Page - AZ Displays PD064VT4 Datasheet HTML 12Page - AZ Displays PD064VT4 Datasheet HTML 13Page - AZ Displays PD064VT4 Datasheet HTML 14Page - AZ Displays PD064VT4 Datasheet HTML 15Page - AZ Displays PD064VT4 Datasheet HTML 16Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:12
(5) Detail of Vertical Timing :
Vp
Vpw
Vdp
Vfp
Vbp
Vsync
Display period
.
(a)
VGA-480 Mode (Vsync = Positive / Negative Polarization)
Item
Description
Horizontal Lines
Time
A
Vertical Width
2
63.5 μs
B
Vertical B-Porch
33
1.049 ms
C
Vertical Display
480
15.253 ms
D
Vertical F-Porch
10
317.8 μs
E
Vertical Total
525
16.683 ms
(b)
VGA-400 Mode (Vsync = Positive Polarization)
Item
Description
Horizontal Lines
Time
A
Vertical Width
2
63.5 μs
B
Vertical B-Porch
35
1.112 ms
C
Vertical Display
400
12.711 ms
D
Vertical F-Porch
12
381.0 μs
E
Vertical Total
449
14.268 ms
(c)
VGA-350 Mode (Vsync = Negative Polarization)
Item
Description
Horizontal Lines
Time
A
Vertical Width
2
63.5 μs
B
Vertical B-Porch
60
1.907 ms
C
Vertical Display
350
11.122 ms
D
Vertical F-Porch
37
1.176 μs
E
Vertical Total
449
14.268 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com