Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT4 Datasheet(PDF) 6 Page - AZ Displays

Part # PD064VT4
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD064VT4 Datasheet HTML 2Page - AZ Displays PD064VT4 Datasheet HTML 3Page - AZ Displays PD064VT4 Datasheet HTML 4Page - AZ Displays PD064VT4 Datasheet HTML 5Page - AZ Displays PD064VT4 Datasheet HTML 6Page - AZ Displays PD064VT4 Datasheet HTML 7Page - AZ Displays PD064VT4 Datasheet HTML 8Page - AZ Displays PD064VT4 Datasheet HTML 9Page - AZ Displays PD064VT4 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:6
5. Input / Output Terminals
5-1) TFT-LCD Panel Driving
LCD module connector (Reference)-DF9A-31P-1V
Pin No.
Symbol
Function
Remark
1
GND
Ground (0V)
2
CLK
Clock Signal for Sampling Image Digital Data
3
Hsync
Horizontal Synchronous Signal
4
Vsync
Vertical Synchronous Signal
Note 5-1
5
GND
Ground (0V)
6
R0
Red
Image Data Signal (LSB)
7
R1
Red
Image Data Signal
8
R2
Red
Image Data Signal
9
R3
Red
Image Data Signal
10
R4
Red
Image Data Signal
11
R5
Red
Image Data Signal (MSB)
12
GND
Ground (0V)
13
G0
Green
Image Data Signal (LSB)
14
G1
Green
Image Data Signal
15
G2
Green
Image Data Signal
16
G3
Green
Image Data Signal
17
G4
Green
Image Data Signal
18
G5
Green
Image Data Signal (MSB)
19
GND
Ground (0V)
20
B0
Blue
Image Data Signal (LSB)
21
B1
Blue
Image Data Signal
22
B2
Blue
Image Data Signal
23
B3
Blue
Image Data Signal
24
B4
Blue
Image Data Signal
25
B5
Blue
Image Data Signal (MSB)
26
GND
Ground (0V)
Note 5-1
27
DENB
Enable
Note 5-2
28
VCC
DC +5.0V Power Supply
Note 5-3
29
VCC
DC +5.0V Power Supply
Note 5-3
30
R/L
Horizontal Image Shift-direction Select Signal
Note 5-4
31
U/D
Vertical Image Shift-direction Select Signal
Note 5-5
Note 5-1 : The relationship between DENB & SYNC. mode
1. DENB mode with the top priority.
2. When working with the SYNC. mode , the TFT-LCD module is compatible with three kinds of
VGA timing . They are VGA-480 , VGA-400 and VGA-350 mode . The polarization of Hsync and
Vsync determine the timings.
Mode
SYNC.
DENB
VGA-480
VGA-400
VGA-350
Hsync Polarization
Don’t care
Negative / Positive
Negative
Positive
Vsync Polarization
Don’t care
Negative / Positive
Positive
Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com