Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5358ACPZ-R2
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5358ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5358
Rev. 0 | Page 7 of
24
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
VGS0 = VGS1 = VGS2 = 0 V, ZO = 50 Ω, unless otherwise noted.
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
300
320
340
360
380
400
TA = +85°C
TA = +25°C
TA =–40°C
Figure 3. Supply Current vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
5
12
11
10
9
8
7
6
TA = –40°C
TA = +85°C
TA = +25°C
Figure 4. Power Conversion Gain vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
19
21
23
25
27
29
31
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5. Input IP3 vs. RF Frequency
RF FREQUENCY (MHz)
40
45
50
55
60
65
70
TA = +85°C
TA = +25°C
TA =–40°C
700
750
800
850
900
950
1000 1050 1100 1150 1200
Figure 6. Input IP2 vs. RF Frequency
RF FREQUENCY (MHz)
8
14
13
12
11
10
9
TA = +85°C
TA = +25°C
TA = –40°C
700
750
800
850
900
950
1000 1050 1100 1150 1200
Figure 7. Input P1dB vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
6
14
13
12
11
10
9
8
7
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. SSB Noise Figure vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com