Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5358ACPZ-R2
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5358ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5358
Rev. 0 | Page 9 of
24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
VGS0 = VGS1 = VGS2 = 0 V, ZO = 50 Ω, unless otherwise noted.
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
430
380
400
300
320
340
360
380
TA = +85°C
TA = +25°C
TA = –40°C
Figure 15. Supply Current vs. IF Frequency
4
11
10
9
8
7
6
5
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 16. Power Conversion Gain vs. IF Frequency
20
30
29
28
27
26
25
24
23
22
21
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 17. Input IP3 vs. IF Frequency
40
70
65
60
55
50
45
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 18. Input IP2 vs. IF Frequency
7
12
11
10
9
8
13
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 19. Input P1dB vs. IF Frequency
6
14
13
12
11
10
9
8
7
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
Figure 20. SSB Noise Figure vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com