Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5358ACPZ-R2
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5358ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5358
Rev. 0 | Page 13 of
24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
VGS0 = VGS1 = VGS2 = 0 V, ZO = 50 Ω, unless otherwise noted.
3
9
8
14
13
12
11
10
9
8
7
6
5
4
RF FREQUENCY (MHz)
VGS = 000
VGS = 011
VGS = 100
VGS = 110
700
1200
1100
1000
900
800
750
1150
1050
950
850
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency
for Various VGS Settings
RF FREQUENCY (MHz)
13
12
11
10
9
8
7
6
45
40
35
30
25
20
15
10
VGS = 000
VGS = 011
VGS = 100
VGS = 110
700
1200
1100
1000
900
800
750
1150
1050
950
850
Figure 40. Input P1dB and Input IP3 vs. RF Frequency for Various VGS Settings
LO BIAS RESISTOR VALUE (
Ω)
600
1600
1500
1400
1300
1200
1100
1000
900
800
700
16
14
12
10
8
6
4
2
32
28
24
20
16
12
8
4
CONVERSION GAIN
NOISE FIGURE
INPUT IP3
Figure 41. Power Conversion Gain, SSB Noise Figure, and Input IP3 vs.
LO Bias Resistor Value
BLOCKER POWER (dBm)
–30
–25
–20
–15
–5
–10
5
01
30
25
20
15
10
5
0
0
Figure 42. SSB Noise Figure vs. 10 MHz Offset Blocker Level
BIAS RESISTOR VALUE (
Ω)
600
1600
1500
1400
1300
1200
1100
1000
900
800
700
100
300
280
260
240
220
200
180
160
140
120
LO RESISTOR SUPPLY CURRENT
IF RESISTOR SUPPLY CURRENT
Figure 43. LO and IF Supply Current vs. IF and LO Bias Resistor Value
IF BIAS RESISTOR VALUE (
Ω)
600
1600
1500
1400
1300
1200
1100
1000
900
800
700
18
16
14
12
10
8
6
4
28
24
20
16
12
8
4
0
CONVERSION GAIN
NOISE FIGURE
INPUT IP3
Figure 44. Power Conversion Gain, SSB Noise Figure, and Input IP3 vs.
IF Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com