Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5358ACPZ-R2
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5358ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5358ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
500 MHz to 1700 MHz, Dual-Balanced
Mixer, LO Buffer, IF Amplifier, and RF Balun
ADL5358
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
RF frequency range of 500 MHz to 1700 MHz
IF frequency range of 30 MHz to 450 MHz
Power conversion gain: 8.3 dB
SSB noise figure of 9.9 dB
SSB noise figure with 5 dBm blocker of 23 dB
Input IP3 of 25.2 dBm
Input P1dB of 10.6 dBm
Typical LO drive of 0 dBm
Single-ended, 50 Ω RF and LO input ports
High isolation SPDT LO input switch
Single-supply operation: 3.3 V to 5 V
Exposed paddle, 6 mm × 6 mm, 36-lead LFCSP
APPLICATIONS
Cellular base station receivers
Transmit observation receivers
Radio link downconverters
GENERAL DESCRIPTION
The ADL5358 uses a highly linear, doubly balanced, passive
mixer core along with integrated RF and local oscillator (LO)
balancing circuitry to allow single-ended operation. The
ADL5358 incorporates the RF baluns, allowing for optimal
performance over a 500 MHz to 1700 MHz RF input frequency
range. Performance is optimized for RF frequencies from 500 MHz
to 1200 MHz using a high-side LO and RF frequencies from
1200 MHz to 1700 MHz using a low-side LO. The balanced
passive mixer arrangement provides good LO-to-RF leakage,
typically better than −20 dBm, and excellent intermodulation
performance. The balanced mixer core also provides extremely
high input linearity, allowing the device to be used in demanding
cellular applications where in-band blocking signals may otherwise
result in the degradation of dynamic performance. A high linearity
IF buffer amplifier follows the passive mixer core to yield a
typical power conversion gain of 8.3 dB and can be used with
a wide range of output impedances.
The ADL5358 provides two switched LO paths that can be used
in TDD applications where it is desirable to ping-pong between
two local oscillators. LO current can be externally set using a
resistor to minimize dc current commensurate with the desired
level of performance. For low voltage applications, the ADL5358 is
capable of operation at voltages down to 3.3 V with substantially
reduced current. Under low voltage operation, an additional logic
pin is provided to power down (<300 μA) the circuit when desired.
FUNCTIONAL BLOCK DIAGRAM
ADL5358
VGS0
VGS1
VGS2
LOSW
PWDN
VPOS
COMM
LOI2
LOI1
MNIN
MNCT
COMM
DVIN
VPOS
COMM
VPOS
COMM
DVCT
Figure 1.
The ADL5358 is fabricated using a BiCMOS high performance
IC process. The device is available in a 6 mm × 6 mm, 36-lead
LFCSP and operates over a −40°C to +85°C temperature range.
An evaluation board is also available.
Table 1. Passive Mixers
RF Frequency
(MHz)
Single
Mixer
Single Mixer
and IF Amp
Dual Mixer
and IF Amp
500 to 1700
ADL5367
ADL5357
ADL5358
1200 to 2500
ADL5365
ADL5355
ADL5356


Similar Part No. - ADL5358ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5358 AD-ADL5358 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5358 AD-ADL5358 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5358 AD-ADL5358 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5358ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com