Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5358ACPZ-R7
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5358ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5358
Rev. 0 | Page 6 of
24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
25
26
23
22
21
1
2
3
9
20
27
19
4
5
6
7
8
VGS0
VGS1
VGS2
LOSW
PWDN
VPOS
COMM
LOI2
LOI1
MNIN
MNCT
COMM
DVIN
VPOS
COMM
VPOS
COMM
DVCT
ADL5358
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO GROUND.
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
MNIN
RF Input for Main Channel. Internally matched to 50 Ω. This pin must be ac-coupled.
2
MNCT
Center Tap for Main Channel Input Balun. Bypass this pin to ground using low inductance capacitor.
3, 5, 7, 12, 20, 34
COMM
Device Common (DC Ground).
4, 6, 10, 16,
21, 30, 36
VPOS
Positive Supply Voltage.
8
DVCT
Center Tap for Diversity Channel Input Balun. Bypass to ground using low inductance capacitor.
9
DVIN
RF Input for Diversity Channel. Internally matched to 50 Ω. This pin must be ac-coupled.
11
DVGM
Diverstiy Amplifier Bias Setting. Connect a 1.3 kΩ resistor to ground for typical operation.
13, 14
DVOP, DVON
Diversity Channel Differential Open-Collector Outputs. DVOP and DVON should be pulled-up to
VCC using external inductors.
15
DVLE
Diversity Channel IF Return. This pin must be grounded.
17
DVLG
Diverstiy Channel LO Buffer Bias Setting. Connect a 1 kΩ resistor to ground for typical operation.
18, 28
NC
No Connect.
19
LOI1
Local Oscillator Input 1. Internally matched to 50 Ω. This pin must be ac-coupled.
22
PWDN
Connect to Ground for Normal Operation. Connect this pin to 3 V for disable mode when using
VPOS < 3.6 V. PWDN pin must be grounded when VPOS > 3.6 V.
23
LOSW
Local Oscillator Input Selection Switch. Set LOSW high to select LOI1 or set LOSW low to select LOI2.
24, 25, 26
VGS0, VGS1, VGS2
Gate to Source Control Voltages. For typical operation, set VGS0, VGS1, and VGS2 to low logic level.
27
LOI2
Local Oscillator Input 2. Internally matched to 50 Ω. This pin must be ac-coupled.
29
MNLG
Main Channel LO Buffer Bias Setting. Connect a 1 kΩ resistor to ground for typical operation.
31
MNLE
Main Channel IF Return. This pin must be grounded.
32, 33
MNOP, MNON
Main Channel Differential Open-Collector Outputs. MNOP and MNON should be pulled-up to
VCC using external inductors.
35
MNGM
Main Amplifier Bias Setting. Connect a 1.3 kΩ resistor to ground for typical operation.
Paddle
EPAD
Exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com