Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5358ACPZ-R7
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5358ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5358
Rev. 0 | Page 11 of
24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
100
7.0
7.5
8.0
8.5
9.0
9.5
10.0
80
60
40
20
0
CONVERSION GAIN (dB)
MEAN = 8.47
STANDARD DEVIATION = 0.66%
Figure 27. Conversion Gain Distribution
100
18
15
21
24
27
33
30
80
60
40
20
0
INPUT IP3 LO (dBm)
MEAN = 25.2
STANDARD DEVIATION = 0.71
Figure 28. Input IP3 Distribution
100
7
8
9
10111213
80
60
40
20
0
INPUT P1dB (dBm)
MEAN = 10.66
STANDARD DEVIATION = 0.96
Figure 29. Input P1dB Distribution
500
30
430
380
330
280
230
180
130
80
400
300
200
100
0
12
9
6
3
0
–3
IF FREQUENCY (MHz)
Figure 30. IF Output Impedance (R Parallel, C Equivalent)
30
28
26
24
22
20
18
16
14
12
10
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
Figure 31. RF Return Loss, Fixed IF
LO FREQUENCY (GHz)
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
17
16
15
14
13
12
11
10
9
8
SELECTED
UNSELECTED
Figure 32. LO Return Loss, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com