Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5358ACPZ-R7
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5358ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADL5358
Rev. 0 | Page 15 of
24
3.3 V PERFORMANCE
VS = 3.3 V, IS = 200 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.2 kΩ,
R2 = R5 = 400 Ω, VGS0 = VGS1 = VGS2 = 0 V, ZO = 50 Ω, unless otherwise noted.
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
190
220
215
210
205
200
195
TA = +85°C
TA = +25°C
TA = –40°C
Figure 46. Supply Current vs. RF Frequency at 3.3 V
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
5
11
10
9
8
7
6
TA = +85°C
TA = +25°C
TA = –40°C
Figure 47. Power Conversion Gain vs. RF Frequency at 3.3 V
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
12
26
24
22
20
18
16
14
TA = +85°C
TA =–40°C
TA = +25°C
Figure 48. Input IP3 vs. RF Frequency at 3.3 V
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
30
60
55
50
45
40
35
TA = +85°C
TA = +25°C
TA = –40°C
Figure 49. Input IP2 vs. RF Frequency at 3.3 V
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
4
10
9
8
7
6
5
TA = +85°C
TA = +25°C
TA = –40°C
Figure 50. Input P1dB vs. RF Frequency at 3.3 V
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
4
14
13
12
11
10
9
8
7
6
5
TA = +85°C
TA = +25°C
TA = –40°C
Figure 51. SSB Noise Figure vs. RF Frequency at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com