Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5358ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5358ACPZ-R7
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5358ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5358ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5358
Rev. 0 | Page 12 of
24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
40
65
60
55
50
45
TA = +85°C
TA = +25°C
TA = –40°C
Figure 33. LO Switch Isolation vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
–60
–20
–25
–30
–35
–40
–45
–50
–55
TA = +85°C
TA = +25°C
TA = –40°C
Figure 34. RF-to-IF Isolation vs. RF Frequency
–50
–45
–40
–35
–30
–25
–20
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 35. LO-to-IF Leakage vs. LO Frequency
–38
–34
–36
–32
–30
–28
–26
–24
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 36. LO-to-RF Leakage vs. LO Frequency
–30
0
–5
–10
–15
–20
–25
LO FREQUENCY (MHz)
2XLO-TO-IF
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
2XLO-TO-RF
Figure 37. 2XLO Leakage vs. LO Frequency
LO FREQUENCY (MHz)
3XLO-TO-IF
3XLO-TO-RF
–70
–60
–50
–40
–30
–20
–10
0
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
Figure 38. 3XLO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com