Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34844
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Maximum Pin Voltages
A0/SEN
I0, I1, I2, I3, I4, I5, I6, I7, I8, I9,EN(4)
VIN
SWA, SWB, VOUT
FAIL, PIN, NIN, ISET, M/~S, CK, PWM
VMAX
7.0
45
30
65
6.0
V
Maximum LED Current
IMAX
55
mA
ESD Voltage(1)
Human Body Model (HBM)
Machine Model (MM)
VESD
+2000
+200
V
THERMAL RATINGS
Ambient Temperature Range
TA
-40 to 105
°C
Junction to Ambient Temperature(2)
TθJA
32
°C/W
Junction to Case Temperature(2)
TθJC
3.5
°C/W
Maximum junction temperature
TJ
150
°C
Storage temperature range
TSTO
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(3)
TPPRT
260
°C
Power Dissipation
TA = 25°C
TA = 70°C
TA = 85°C
TA = 105°C
3.9
2.5
2.0
1.4
W
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-2), and the Machine Model (MM) (AEC-Q100-
003), RZAP = 0 Ω
2.
Per JEDEC51 Standard for Multilayer PCB
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
45 V is the Maximum allowable voltage on all LED channels in off-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com