Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Document Number: MC34844
Rev. 5.0, 5/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009. All rights reserved.
10 Channel LED Backlight Driver
with Integrated Power Supply
The 34844 is a high efficiency, LED driver for use in backlighting
LCD displays from 10" to 20"+. Operating from supplies of 7.0 to 28 V,
the MC34844 is capable of driving up to 160 LEDs in 10 parallel
strings. Current in the 10 strings is matched to within
±2%, and can be
programmed via the I2C/SM Bus interface.
The 34844 also includes a Pulse Width Monitor (PWM) generator
for LED dimming. The LEDs can be dimmed to one of 256 levels,
programmed through the I2C/SM Bus interface. Up to 65,000:1 (256:1
PWM, 256:1 Current DAC) dimming ratio.
The integrated boost converter generates the minimum output
voltage required to keep all LEDs illuminated with the selected current,
providing the highest efficiency possible. The integrated boost self-
clocks at a default frequency of 600 kHz, but may be programmed via
I2C to 150/300/600/1200 kHz. The PWM frequency can be set from
100 Hz to 25 kHz, or can be synchronized to an external input. If not
synchronized to another source, the internal PWM rate outputs on the
CK pin. This enables multiple devices to be synchronized together.
The 34844 also supports optical/temperature closed loop operation
and also features LED over-temperature protection, LED short
protection, and LED open circuit protection. The IC also includes over-
voltage protection, over-current protection, and under-voltage lockout.
Features
• Input voltage of 7.0 to 28 V
• Boost output voltage up to 60 V, with Dynamic
Headroom Control (DHC)
•3.0 A integrated boost FET
•Up to 50 mA LED current per channel
• 90% efficiency (DC:DC)
• 10 channel current mirror with ±2% current matching
•I2C/SM Bus interface
• PWM frequency programmable or synchronizable from
100 to 25,000Hz
• 32-Ld 5x5x1.0 mm TQFN Package
• Pb-free packaging designated by suffix code EP
Applications
• Monitors - up to 27 inch
• Personal Computer Notebooks
• GPS Screens
• Small screen Televisions
Figure 1. Simplified Application Diagram (SM Bus Mode)
LED DRIVER
34844
EP SUFFIX (PB-FREE)
98ASA10800D
32-PIN QFN-EP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34844EP/R2
-40°C to 105°C
32 QFN-EP
7.0 to 28V
FAIL
PGNDA
34844
SWA
SWB
VOUT
PGNDB
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
VCC
GND
SCK
SDA
A0/SEN
ISET
PIN
NIN
VIN
VDC1
VDC2
VDC3
COMP
SLOPE
CK
EN
PWM
Control Unit
M/~S
VDC1
VDC1
~~ ~~ ~~ ~~ ~~ ~~ ~~ ~~ ~~ ~~
VDC1


Similar Part No. - 34844

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34844 FREESCALE-34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
Rev. 10.0, 8/2014
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_V01 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
Rev. 10.0, 8/2014
More results

Similar Description - 34844

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
Integrated White LED Driver With Organic LED Display Power Supply
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
Integrated White LED Driver With Organic LED Display Power Supply
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com