Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
NIN INPUT
Voltage to Disable NIN mode
VNIN_DIS
2.2
-
-
V
NIN Bias Current
NIN = VSET
ININ
-2.0
-
2.0
μA
Analog Dimming Current
ICHx Register = 255, RISET=5.1 k
Ω 0.1%
NIN = VSET/2
NIN = 0 V
IDIM_NIN
23.75
47.50
25
50
26.25
52.50
mA
OVER-TEMPERATURE PROTECTION
Over-temperature Threshold(9)
Rising
Hysteresis
OTT
150
-
165
25
175
-
°C
I2C/SM BUS PHYSICAL LAYER [SCK, SDA]
I2C Address
ADRI2C
-
1110110
-
Binary
SM-Bus Address
ADRSMB
-
1110110
-
Binary
Input Low Voltage
VILI
-0.3
-
0.8
V
Input High Voltage
VIHI
2.1
-
5.5
V
Input Hysteresis
VHYSI
0.3
-
-
V
Output Low Voltage
Sink Current < 4.0 mA
VOLI
-
-
0.4
V
Input Current
IINI
-5.0
-
5.0
μA
Input Capacitance(9)
CINI
-
-
10
ρF
LOGIC INPUTS / OUTPUTS (CK, M/~S, PWM, A0/SEN)
Input Low Voltage
VILL
-0.3
-
0.5
V
Input High Voltage
VIHL
1.5
-
5.5
V
Input Hysteresis
VHYSL
-
0.1
-
V
Input Current
IIIL
-5.0
-
5.0
μA
Output Low Voltage (CK)
ISINK < 2.0 mA
VOLL
-
-
0.2
V
Output High Voltage (CK)
ISOURCE < 2.0 mA
VOHL
2.2
-
5.5
V
Input Capacitance(9)
CINI
-
-
5.0
ρF
Notes
9.
Guaranteed by design
Table 3. Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, ILED = 50 mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0 V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com