Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34844
ELECTRICAL CHARACTERISTICS
Line Regulation (8)
VIN=7.0 to 28 V
IOUT/VIN
-0.2
-
0.2
%/V
Load Regulation (8)
VLED = 8.0 to 65 V (all Channels)
IOUT/VLED
-0.2
-
0.2
%/V
Slope compensation voltage ramp
RSLOPE = 68 kΩ
VSLOPE
-
0.49
-
V/
μs
Current Sense Amplifier Gain
ACSA
-
9.0
-
Current Sense Resistor
RSENSE
-
22
-
m
Ω
OTA Transconductance
GM
-
200
-
μS
Transconductance Sink and Source Current Capability
ISS
-
100
-
μA
Output Voltage Precharge
VHOLD
0.45
0.5
0.55
V
FAIL PIN
Off-state Leakage Current
VFAIL = 5.5 V
IFAIL_LEAK
-
-
5
μA
On-state Voltage Drop
ISINK = 4.0 mA
VOL
-
-
0.4
V
LED CHANNELS
Sink Current
ICHx Register = 255, RISET=5.1 k
Ω 0.1%, PIN&NIN = Disabled,
TA=25°C
ISINK
49
50
51
mA
Regulated minimum voltage across drivers
Pulse Width > 4.0
μs
VMIN
675
750
825
mV
Current Matching Accuracy
IMATCH
-2.0
-
2.0
%
ISET Pin Voltage
RISET=5.1 k
Ω 0.1%
VSET
2.017
2.048
2.079
V
LED Current Amplitude Resolution
1.0 mA < ILED < 50 mA
ILEDRES
-
1.5
-
%
Off-state Leakage Current, All channels
(VCH = 45 V)
ICH_LEAK
-
-
10
μA
PIN INPUT
Voltage to Disable PIN mode
VPIN_DIS
2.2
-
-
V
PIN Bias Current
PIN = VSET
IPIN
-2.0
-
2.0
μA
Analog Dimming Current
ICHx Register = 255, RISET=5.1 k
Ω 0.1%
PIN = VSET/2
PIN = VSET
IDIM_PIN
23.75
47.50
25
50
26.25
52.50
mA
Notes
8.
Guaranteed by design
Table 3. Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, ILED = 50 mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0 V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com