Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74EE Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82K74EE
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74EE Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82K74EE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Pin Assignment
HT82K74E/HT82K74EE
Rev. 1.00
2
December 15, 2009
H T 8 2 K 7 4 E
4 8 L Q F P - A
1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4
4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
P A 2 / T M R
P A 1
P A 0
V S S
P C 7
P C 6
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
P B 7
L X
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
P E 0
P E 1
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 8 2 K 7 4 E / H T 8 2 K 7 4 E E
2 8 S S O P - A
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2 / T M R
P A 1
P A 0
P C 1
P C 0
P D 3 / Z B
P D 2 / Z A
P D 1 / V B
P D 0 / V A
P B 0
P B 1
P B 2
P B 3
L X
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
R E S B
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 8 2 K 7 4 E
4 8 S S O P - A
P B 0
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2 / T M R
P A 1
P A 0
V S S
P C 7
P C 6
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
P D 7
P D 6
P D 5
P D 4
P D 3 / Z B
P D 2 / Z A
P B 1
P B 2
P B 3
P B 4
P B 5
P B 6
P B 7
L X
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
P E 0
P E 1
V S S
R E S
P E 2
P E 3
P D 0 / V A
P D 1 / V B
H T 8 2 K 7 4 E
3 2 Q F N - A
1
2
3
4
5
6
7
8
9 1 0 1 1 1 2 1 3 1 4 1 5 1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
P A 1
P A 0
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 8 2 K 7 4 E E
4 8 S S O P - A
P B 0
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2 / T M R
P A 1
P A 0
V S S
P C 7
P C 6
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
P D 7
P D 6
P D 5
P D 4
P D 3 / Z B
P D 2 / Z A
P B 1
P B 2
P B 3
P B 4
P B 5
P B 6
P B 7
L X
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
P E 0 / S D A
P E 1 / S C L
V S S
R E S
P E 2
P E 3
P D 0 / V A
P D 1 / V B
H T 8 2 K 7 4 E E
4 8 L Q F P - A
1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4
4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
P A 2 / T M R
P A 1
P A 0
V S S
P C 7
P C 6
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
P B 7
L X
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
P E 0 / S D A
P E 1 / S C L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com