Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74EE Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K74EE
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74EE Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K74EE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
HT82K74E/HT82K74EE
27MHz Keyboard/ Mouse TX 8-Bit MCU
Block Diagram
Rev. 1.00
1
December 15, 2009
General Description
The device is an 8-bit high performance, RISC architec-
ture microcontroller devices specifically designed for
multiple I/O control product applications.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, Power Down and wake-up functions,
Watchdog timer, motor driving, industrial control, con-
sumer products, subsystem controllers, etc.
There are two dice in the HT82K74EE package: one is
the HT82K74E MCU, the other is a 128
´8 bits EEPROM
used for data memory purpose. The two dice are
wire-bonded to form HT82K74EE
Features
· Operating voltage:
fSYS= 27MHz: 3.0V~3.3V for crystal mode
· Program Memory: 2K´15 bits
· Data Memory: 96´8 bits
· 36 bidirectional I/O lines, with pull-high options
· Watchdog Timer function
· Single 16-bit internal timer with overflow interrupt
and timer input
· Power down and wake-up functions to reduce
power consumption
· 4-level subroutine nesting
· Bit manipulation instruction
· Table read instructions
· Built-in DC/DC to provide stable (2.8V, 3.0V, 3.3V
use configuration option) DC_DC 3.0V with error
±0.1V
· 2.2V/2.0V with ± 0.1V tolerance or 1.8V Low battery
detector with internal bit set, it detects the BAT-in
input voltage
· 128´8 bits data EEPROM for HT82K74EE
· One external crystal (27MHz) to supply
microcontroller system clock
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset function
· Crystal oscillator which built-in capacitor value can
configure by firmwave OSCC register
· Two bit to define microcontroller system clock
(fSYS/1, fSYS/4, fSYS/8, fSYS/16)
· HT82K74E:
28-pin SSOP, 32-pin QFN and
48-pin SSOP/LQFP packages
· HT82K74EE:
28-pin SSOP and 48-pin SSOP/LQFP packages
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note
1 6 - b i t
T i m e r
C r y s t a l
O s c i l l a t o r
I / O
P o r t s
O T P
P r o g r a m
M e m o r y
R A M
D a t a M e m o r y
S t a c k
8 - b i t
R I S C C o r e
I n t e r r u p t
C o n t r o l l e r
R e s e t
C i r c u i t
W a t c h d o g
T i m e r
W a t c h d o g T i m e r
O s c i l l a t o r
V o l t a g e
D e t e c t o r
E E P R O M
D a t a M e m o r y
D C / D C
P o w e r
A m p l i f i e r


Similar Part No. - HT82K74EE

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K70A-L HOLTEK-HT82K70A-L Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
I/O Type 8-Bit OTP MCU
September 15, 2009
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
HT82K75R HOLTEK-HT82K75R Datasheet
474Kb / 66P
I/O Type 8-Bit OTP MCU
More results

Similar Description - HT82K74EE

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MV20556 MOSEL-MV20556 Datasheet
106Kb / 30P
8 - Bit MCU Mouse Controller
logo
Holtek Semiconductor In...
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
USB Mouse Encoder 8-Bit MCU
February 8, 2006
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
HT82D22R HOLTEK-HT82D22R Datasheet
300Kb / 41P
27MHz Two Channel RX 8-Bit MCU
November 6, 2009
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
27MHz One Channel RX 8-Bit MCU
January 27, 2010
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
27MHz Two Channel RX 8-Bit MCU
January 27, 2010
HT82D20R HOLTEK-HT82D20R Datasheet
271Kb / 42P
27MHz One Channel RX 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E_11 Datasheet
300Kb / 50P
USB Mouse Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com