Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74EE Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT82K74EE
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74EE Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82K74EE Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Application Circuits
HT82K74E/HT82K74EE
Rev. 1.00
35
December 15, 2009
Configuration Options
No.
Options
1
PA0~PA7 pull-high by bit: pull-high or non-pull-high
2
PA0~PA7 wake-up by bit: wake-up or non-wake-up
3
PB0~PB7 wake-up by nibble: wake-up or non-wake-up
4
PB0~PB7 pull-high by nibble: pull-high or non-pull-high
5
PC0~PC7 wake-up by nibble: wake-up or non-wake-up
6
PC0~PC7 pull-high by nibble: pull-high or non-pull-high
7
PD0~PD7 wake-up by nibble: wake-up or non-wake-up
8
PD0~PD7 pull-high by nibble: pull-high or non-pull-high
9
PE0~PE3 wake-up by nibble: wake-up or non-wake-up
10
PE0~PE3 pull-high by nibble: pull-high or non-pull-high
11
WDT: enable or disable
12
TBHP function: enable or disable
13
DC-DC output voltage: 2.8V, 3.0V, 3.3V
14
LVR: enable or disable
15
LVD voltage: 2.2V or 2.0V
16
I/O Slew Rate: 100ns or 200ns
17
Power Amp: full or half
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
H T 8 2 K 7 4 E / H T 8 2 K 7 4 E E
P B 0 / V A
P B 1 / V B
P B 2 / Z A
P B 3 / Z B
P B 4
P B 5
P B 6
P B 7
L X
V S S L X
B A T _ I N
V D D
R F _ O U T
V S S
O S C 1
O S C 2
V D D
0 . 1 m F
2 7 M H z
V D D
V D D
0 . 1 m F
1 0 0 k W
4 7 m F
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2 / T M R
P A 1
P A 0
R E S
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
V D D
G N D
C A P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com