Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K74EE Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT82K74EE
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74EE Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT82K74EE Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K74EE Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
HT82K74E/HT82K74EE
Rev. 1.00
34
December 15, 2009
DC-to-DC Converter (DC/DC)
This circuit is used to generate a stable 2.8V or 3.0V or
3.3V (error
±0.1V) power voltage for the whole device
and output to the IRPT. The DC/DC clock frequency is
130kHz. It can also detect the battery voltage. If the bat-
tery voltage drops to 2.2V or 2.0V, the choice of which is
determined by a configuration option (error
±0.1V), the
DC/DC circuit will output a Low Voltage Detect signal
LVD (2.2V/2.0V Low battery flag stored in LVDF bit of
the Control Register CTLR) to the MCU. There is also a
low voltage reset (LVR) circuit to check the DC/DC out-
put voltage. When the DC/DC output voltage drops to
2.4V, the MCU will be reset. The LVR function is con-
trolled by a configuration together with a software con-
trol bit named DC_ctrl in the Control Register CTLR. To
enable the LVR function, the configuration option of LVR
function has to be enabled and the control bit DC_ctrl
must be set to
²0² to enable the DC/DC circuit. If the
configuration option is selected to disable the LVR func-
tion or the DC_ctrl bit is set to
²1² to disable the DC/DC
circuit, then the LVR function will be disabled. If the LVR
function is enabled by appropriate setting of the configu-
ration option and software control bits as mentioned
above, then the LVR still operates even if the MCU en-
ters the Power Down Mode. It is recommended that the
LVR function is enabled when the MCU is in the Power
Down Mode.
As the voltage of the Battery-in pin drops to 2.2V, the
DC/DC converter can still operate correctly and is capa-
ble of outputting a drive current of at least 50mA.
Output Port used Slew Rate Control I/O Pin
The I/O port output delay time of the rising and falling
transition is 100ns or 200ns. There is a configuration op-
tion bit to define the slew rate of all I/O pins.
Amplifier Output for 27MHz
The RF_OUT pin is the signal output pin and is sourced
from the system oscillator clock output signal via a
power amplifier. The RF_OUT impedance is 50 for
which the user can design an antenna to transmit the
signal. The integrated power amplifier is used to supply
power to RF_OUT and can select either 0dBm for full
power or -3dBm for half power, via a configuration op-
tion. The amplifier can be enabled or disabled using the
Amplifier function control bit AMP_ctrl in the Control
Register CTLR.
This output is use to output the RF signal to the antenna.
Output Power= 0dBm (1
±b) for full, -3dBm for half
Load Impedance= 50
W
The RF-carrier is shifted in frequency according to the
data, which is known as Frequency Shift Keying (FSK).
The data recognition depends upon the method which
the RF receiver uses. The shifted frequency is imple-
mented by the 27MHz oscillator operating mode control
bit OSC_MOD in the RFCTR register. When the
OSC_MOD bit is set to 1, the oscillator operates in its
frequency modulation mode for RF transmission. To
achieve frequency modulation, built-in capacitors can
be selected which are connected to OSC1 and OSC2
using the built-in capacitor enable control bit CAP_EN in
the RFCTR register. If the CAP_EN bit is set to 1, the se-
lected built-in capacitors determined by the oscillator
capacitor control register OSCC can be connected to
OSC1 and OSC2. If the supply voltage drops lower than
3V when the oscillator operates in its frequency modula-
tion mode, the oscillator current control bit I_SEL in the
RFCTR register should be set to 1 to ensure that the os-
cillator can perform its frequency modulation normally.
D C / D C w i t h
V o l t a g e D e t e c t o r
B A T _ I N
D C _ O u t
T e s t _ D C
L X
2 . 4 V L V R
1 . 8 V / 2 . 2 V / 2 . 5 V / 2 . 8 V L V D
A M P .
R F _ O U T
S y s t e m O s c i l l o r C l o c k O u t p u t
A M P _ c t r l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com