Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT83F20
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT83F20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Part No.
VDD
VIN
OTP
Program
Memory
Data
Memory
Flash
Voice
Memory
Voice
Capacity
I/O
8-bit
Timer
I2C/
SPI
D/A
Package
Types
HT83F10
2.7V~3.6V
¾
2K
´15
80
´8
128K
´8
32sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F10P
3.3V
3.6V~24V
HT83F20
2.7V~3.6V
¾
2K
´15
80
´8
256K
´8
64sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F20P
3.3V
3.6V~24V
HT83F40
2.7V~3.6V
¾
2K
´15
80
´8
512K
´8
128sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F40P
3.3V
3.6V~24V
HT83F60
2.7V~3.6V
¾
2K
´15
80
´8
1024K
´8
256sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F60P
3.3V
3.6V~24V
HT83F80
2.7V~3.6V
¾
2K
´15
80
´8
2048K
´8
512sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F80P
3.3V
3.6V~24V
Note: For devices that exist in more than one package formats, the table reflects the situation for the larger package.
Voice length is estimated by 32K-bit data rate, or 8K sampling rate and 4 bit ADPCM compress mode.
Block Diagram
HT83FXX
Rev. 1.00
2
May 12, 2009
S t a c k
D / A
C o n v e r t e r s
R A M D a t a
M e m o r y
I / O P o r t s
8 - b i t
T i m e r
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
W a t c h d o g
T i m e r O s c i l l a t o r
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
O s c i l l a t o r
L o w
V o l t a g e
D e t e c t i o n
O T P R O M
P r o g r a m
M e m o r y
P W M
F l a s h D a t a
M e m o r y
I 2 C
F u n c t i o n
S P I
F u n c t i o n
L D O
H T 8 3 F 1 0 P / 2 0 P / 4 0 P / 6 0 P / 8 0 P
Selection Table
The devices include a comprehensive range of features, with most features common to all devices. The main features
distinguishing them are Flash Voice Memory capacity. The functional differences between the devices are shown in the
following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com