Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT83F20
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT83F20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 21Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 23Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
HT83FXX
Rev. 1.00
20
May 12, 2009
Timers
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. These devices contain two
count up timers of 8-bit capacity. The provision of an in-
ternal prescaler to the clock circuitry of the timer gives
added range to the timer.
There are two types of register related to each Timer.
The first is the register that contains the actual value of
the timer and into which an initial value can be
preloaded. Reading from this register retrieves the con-
tents of the Timer. All devices can have the timer clock
configured to come from the internal clock source.
Configuring the Timer Input Clock Source
The clock source for the 8-bit timers is the system clock
divided by four. The 8-bit timer clock source is also first di-
vided by a, the division ratio of which is conditioned by the
three lower bits of the associated timer control register.
Timer Registers
- TMR0, TMR1
The timer registers are special function registers located
in the special purpose Data Memory and is the place
where the actual timer value is stored. All devices con-
tain two 8-bit timers, whose registers are known as
TMR0 and TMR1. The value in the timer registers in-
creases by one each time an internal clock pulse is re-
ceived. The timer will count from the initial value loaded
by the preload register to the full count of FFH for the
8-bit timer at which point the timer overflows and an in-
ternal interrupt signal is generated. The timer value will
then be reset with the initial preload register value and
continue counting.
Note that to achieve a maximum full range count of FFH
for the 8-bit timer, the preload registers must first be
cleared to all zeros. It should be noted that after
power-on, the preload registers will be in an unknown
condition. Note that if the Timer Counters are in an OFF
condition and data is written to their preload registers,
this data will be immediately written into the actual coun-
ter. However, if the counter is enabled and counting, any
new data written into the preload data register during
this period will remain in the preload register and will
only be written into the actual counter the next time an
overflow occurs. Note also that when the timer registers
are read, the timer clock will be blocked to avoid errors,
however, as this may result in certain timing errors, pro-
grammers must take this into account.
Timer Control Registers
- TMR0C, TMR1C
Each timer has its respective timer control register,
known as TMR0C and TMR1C. It is the timer control
register together with their corresponding timer registers
that control the full operation of the timers. Before the
timers can be used, it is essential that the appropriate
timer control register is fully programmed with the right
data to ensure its correct operation, a process that is
normally carried out during program initialization. Bits 7
and 6 of the Timer Control Register, must be set to the
required logic levels. Bit 6 of the registers must always
be wriiten with a
²1², and bit 7 must always be written
with a
²0². The timer-on bit, which is bit 4 of the Timer
Control Register and known as T0ON/ T1ON, depend-
ing upon which timer is used, provides the basic on/off
control of the respective timer. setting the bit high allows
the timer to run, clearing the bit stops the timer. For the
8-bit timers, which have prescalers, bits 0~2 of the
Timer Control Register determines the division ratio of
the input clock prescaler.
Configuring the Timer
The Timer is used to measure fixed time intervals, pro-
viding an internal interrupt signal each time the Timer
overflows. To do this the Operating Mode Select bit pair
in the Timer Control Register must be set to the
correctvalue as shown.
Control Register Operating Mode
Select Bits
Bit7 Bit6
10
The internal clock, fSYS, is used as the Timer clock. How-
ever, this clock source is further divided by a prescaler,
the value of which is determined by the Prescaler Rate
Select bits, which are bits 0~2 in the Timer Control Reg-
ister. After the other bits in the Timer Control Register
have been setup, the enable bit, which is bit 4 of the
Timer Control Register, can be set high to enable the
Timer to run. Each time an internal clock cycle occurs,
the Timer increments by one. When it is full and over-
flows, an interrupt signal is generated and the Timer will
T i m e r M o d e C o n t r o l
T 0 O N
T 1 O N
P r e l o a d R e g i s t e r
T i m e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T 1 P S C 2 ~ T 1 P S C 0
T 0 P S C 2 ~ T 0 P S C 0
8 - B i t C o u n t e r
f S Y S / 4
P r e s c a l e r
( 1 / 2 ~ 1 / 2 5 6 )
T 1 T M 1
T 0 T M 1
T 1 T M 0
T 0 T M 0
8-bit Timer Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com