Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT83F20
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT83F20 Datasheet HTML 34Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 35Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 36Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 37Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 38Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 39Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 40Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 41Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
HT83FXX
Rev. 1.00
38
May 12, 2009
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers. Note that where more than one package type exists the table will reflect the situation
for the larger package type.
Register
Reset
(Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
from HALT
MP
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu
- uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
- - 00 xxxx
- - 1u uuuu
- - uu uuuu
- - 01 uuuu
- - 11 uuuu
INTC
- 000 0000
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR0
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR0C
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
TMR1
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR1C
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PBC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
INTCH
- - 00
-- 00
- - 00
-- 00
- - 00
-- 00
- - 00
-- 00
- - uu
-- uu
SIMC0
111
-- - 0 -
111
-- - 0 -
111
-- - 0 -
111
-- - 0 -
uuu
-- - u -
SIMC1
100
-- 0 - 1
100
-- 0 - 1
100
-- 0 - 1
100
-- 0 - 1
uuu
-- u - u
SIMDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
SIMAR/
SIMC2
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
DAL
xxxx
----
uuuu
----
uuuu
----
uuuu
----
uuuu
----
DAH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PWMCR
0
--- 0000
0
--- 0000
0
--- 0000
0
--- 0000
u
--- uuuu
PWML
xxxx
----
uuuu
----
uuuu
----
uuuu
----
uuuu
----
PWMH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
VOL
xxxx
- xxx
uuuu
- uuu
uuuu
- uuu
uuuu
- uuu
uuuu
- uuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com