Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT83F20
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT83F20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port, Each bit can be configured as a wake-up input by
configuration option. Software instructions determine if the pin is a CMOS out-
put or Schmitt trigger input. Configuration options determine which pins on this
port have pull-high resistors.
PB0/SDO/SDA
PB1/SCK/SCL
PB2/SDI
PB3/SCS
I/O
Pull-high
or None
Bidirectional 4-bit I/O port. Each bit can be configured as a wake-up input by
configuration option. Software instructions determine if the pin is a CMOS out-
put or Schmitt trigger input. Configuration options determine which pins on this
port have pull-high resistors. Pins PB0~PB3 are pin-shared with SPI flash
control and I2C control pins SDO/SDA, SCK/SCL, SDI and SCS.
DO
O
¾
Data output pin
CLK
O
¾
Clock output pin.
DI
I
¾
Data input pin.
SCS
O
¾
Select signal.
AUD
O
CMOS
Audio output for driving external transistor or power amplifier.
PWM1, PWM2
O
¾
PWM circuit direct speaker drive
RES
I
¾
Schmitt trigger reset input. Active low
OSC1
OSC2
¾
Crystal
or RC
OSC1, OSC2 are connected to an external RC network or external crystal, de-
termined by configuration option, for the internal system clock. If the RC sys-
tem clock option is selected, pin OSC2 can be used to measure the system
clock at 1/4 frequency.
VDD
¾¾
Positive digital power supply
VSS
¾¾
Negative digital power supply, ground
VSSP
¾¾
PWM negative power supply, ground
VDDP
¾¾
PWM positive power supply
VSSA
¾¾
Negative DAC circuit power supply, ground
VDDA
¾¾
Positive DAC circuit Power supply
HT83FXX
Rev. 1.00
3
May 12, 2009
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
H T 8 3 F 1 0 / 2 0 / 4 0 / 6 0 / 8 0
4 4 Q F P - A
S I
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 0
P B 1
V D D F
N C
N C
V S S P
P W M 2
P W M 1
V D D P
V D D A
A U D
V S S A
O S C 2
H T 8 3 F 1 0 P / 2 0 P / 4 0 P / 6 0 P / 8 0 P
4 4 Q F P - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
S I
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 0
P B 1
V D D F
L D O _ O U T
L D O _ I N
V S S P
P W M 2
P W M 1
V D D P
V D D A
A U D
V S S A
O S C 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com