Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B05 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT86B05
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B05 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT86B05 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
HT86B70/HT86B80/HT86B90
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bi-directional 8-bit I/O port. Software instructions determined the CMOS out-
put or Schmitt trigger with a pull-high resistor (determined by option).
PB0~PB7/
K0~K7
I/O
Pull-high
or None
Bi-directional 8-bit I/O port. Software instructions determined the CMOS out-
put or Schmitt trigger with a pull-high resistor (determined by option).
Pins PB0~PB7 are pin-shared with C/R-F input pins K0~K7.
PD0~PD3
PD4/RCOUT
PD5/RR
PD6/RC
PD7/CC
I/O
Pull-high
or None
Bi-directional 8-bit I/O port. Software instructions determined the CMOS out-
put or Schmitt trigger with a pull-high resistor (determined by option).
Pins PD4~PD7 are pin-shared with R/F OSC input pins RR, RC and CC.
RCOUT: Capacitor or resistor connection pin to RC OSC for input.
RR: Oscillation input pin
RC: Reference resistor connection pin for output
CC: Reference capacitor connection pin for output
AUD
O
¾
Audio output for driving an external transistor or for driving HT82V733
PWM1
PWM2
O
¾
Audio PWM outputs
RES
I
¾
Schmitt trigger reset input. Active low.
INT
I
Falling Edge
Trigger or
Falling/Rising
Edge Trigger
External interrupt Schmitt trigger input without pull-high resistor. A configura-
tion option determines if the interrupt active edge is a falling edge only or both
a falling and rising edge. Falling edge triggered active on a high to low transi-
tion. Rising edge triggered active on a low to high transition. Input voltage is
the same as operating voltage.
OSC1
OSC2
¾ Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency.
VDD
¾¾
Positive digital power supply
VSS
¾¾
Negative digital power supply, ground.
VDDA
¾¾
Positive DAC circuit power supply
VSSA
¾¾
Negative DAC circuit power supply, ground.
VDDP
¾¾
Positive audio PWM circuit power supply
VSSP
¾¾
Negative audio PWM circuit power supply, ground.
Note: 1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. Individual pins can be selected to have pull-high resistors.
Absolute Maximum Ratings
Supply Voltage ...........................VSS+2.2V to VSS+5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT86BXX/HT86BRXX
Rev. 1.60
19
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com