Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B05 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT86B05
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B05 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT86B05 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
32
October 20, 2009
Timer Registers
Depending upon which device is selected, all devices
contain three or four integrated Timers of either 8-bit or
16-bit size. All devices contain three 8-bit Timers whose
associated registers are known as TMR0, TMR1 and
TMR3, which is the location where the associated
timer's 8-bit value is located. Their associated control
registers, known as TMR0C, TMR1C and TMR3C, con-
tain the setup information for these timers. Some de-
vices also contain an additional 16-bit timer whose
register pair name is known as TMR2L/TMR2H and is
the location where the timer's 16-bit value is located. An
associated control register, known as TMR2C, contains
the setup information for this timer. Note that all timer
registers can be directly written to in order to preload
their contents with fixed data to allow different time inter-
vals to be setup.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PB, PD, etc. These la-
beled I/O registers are mapped to specific addresses
within the Data Memory as shown in the Data Memory
table, which are used to transfer the appropriate output
or input data on that port. With each I/O port there is an
associated control register labeled PAC, PBC, PDC,
etc., also mapped to specific addresses with the Data
Memory. The control register specifies which pins of that
port are set as inputs and which are set as outputs. To
setup a pin as an input, the corresponding bit of the con-
trol register must be set high, for an output it must be set
low. During program initialisation, it is important to first
setup the control registers to specify which pins are out-
puts and which are inputs before reading data from or
writing data to the I/O ports. One flexible feature of these
registers is the ability to directly program single bits us-
ing the
²SET [m].i² and ²CLR [m].i² instructions. The
ability to change I/O pins from output to input and
vice-versa by manipulating specific bits of the I/O control
registers during normal program operation is a useful
feature of these devices.
Voice ROM Data Address Latch Counter Registers
These are the LATCH0H/LATCH0M/LATCH0L,
LATCH1H/LATCH1M/LATCH1L and the Voice ROM
data registers. The voice ROM data address latch coun-
ter provides the handshaking between the
microcontroller and the voice ROM, where the voice
codes are stored. Eight bits of voice ROM data will be
addressed by using the 22-bit address latch counter,
which is composed of LATCH0H/LATCH0M/LATCH0L
or LATCH1H/LATCH1M/LATCH1L. After the 8-bit voice
ROM data is addressed, several instruction cycles of at
least 4us at least, will be required to latch the voice ROM
data, after which the microcontroller can read the voice
data from LATCHD.
Voice Control and Audio output Registers
-
VOICEC, DAL, DAH, VOL
The device includes a single 12-bit current type DAC
function for driving an external 8
W speaker through an
external NPN transistor. The programmer must write the
voice data to the DAL/DAH registers.
Pulse Width Modulator Registers
-
PWMC, PWML, PWMH
Each device contains a single 12-bit PWM function for
driving an external 8
W speaker. The programmer must
write the voice data to PWML/PWMH register.
Analog Switch Registers
- ASCR
Some devices, include 8 analog switch lines, which
have an associated register, known as ASCR, for their
setup and control.
External RC Oscillation Converter Registers
-
RCOCCR, RCOCR, TMR4L, TMR4H
For the HT86B40/HT86B50/HT86B60/HT86BR60/
HT86B70/ HT86B80/HT86B90 devices, which have two
16-bit programmable timers, the TMR4L and TMR4H
registers are for one of the 16-bit timers. The RCOCCR
and RCOCR registers are the control registers for the
external RC oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com