Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B05 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT86B05
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B05 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT86B05 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
26
October 20, 2009
If the stack is full and an enabled interrupt takes place,
the interrupt request flag will be recorded but the ac-
knowledge signal will be inhibited. When the Stack
Pointer is decremented, by RET or RETI, the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
However, when the stack is full, a CALL subroutine in-
struction can still be executed which will result in a stack
overflow. Precautions should be taken to avoid such
cases which might cause unpredictable program
branching.
Arithmetic and Logic Unit
- ALU
The arithmetic-logic unit or ALU is a critical area of the
microcontroller that carries out arithmetic and logic op-
erations of the instruction set. Connected to the main
microcontroller data bus, the ALU receives related in-
struction codes and performs the required arithmetic or
logical operations after which the result will be placed in
the specified register. As these ALU calculation or oper-
ations may result in carry, borrow or other status
changes, the status register will be correspondingly up-
dated to reflect these changes. The ALU supports the
following functions:
· Arithmetic operations ADD, ADDM, ADC, ADCM,
SUB, SUBM, SBC, SBCM, DAA
· Logic operations AND, OR, XOR, ANDM, ORM,
XORM, CPL, CPLA
· Rotation RRA, RR, RRCA, RRC, RLA, RL, RLCA,
RLC
· Increment and Decrement INCA, INC, DECA, DEC
· Branch decision JMP, SZ, SZA, SNZ, SIZ, SDZ, SIZA,
SDZA, CALL, RET, RETI
Program Memory
The Program Memory is the location where the user
code or program is stored. By using the appropriate pro-
gramming tools, this Program memory device offer us-
ers the flexibility to conveniently debug and develop
their applications while also offering a means of field
programming.
Organization
The program memory stores the program instructions
that are to be executed. It also includes data, table and
interrupt entries, addressed by the Program Counter
along with the table pointer. The program memory size
is 8192
´16 bits. Certain locations in the program mem-
ory are reserved for special usage.
Special Vectors
Within the Program Memory, certain locations are re-
served for special usage such as reset and interrupts.
· Location 000H
This vector is reserved for use by the device reset for
program initialisation. After a device reset is initiated,
the program will jump to this location and begin execu-
tion.
· Location 004H
This vector is used by the external interrupt. If the ex-
ternal interrupt pin on the device goes low, the pro-
gram will jump to this location and begin execution if
the external interrupt is enabled and the stack is not
full.
· Location 008H
This internal vector is used by the 8-bit Timer 0. If a
overflow occurs, the program will jump to this location
and begin execution if the timer interrupt is enabled
and the stack is not full.
· Location 00CH
This internal vector is used by the 8-bit Timer1. If a
overflow occurs, the program will jump to this location
and begin execution if the timer interrupt is enabled
and the stack is not full.
· Location 010H
For the HT86B40, HT86B50, HT86B50, HT86B60,
HT86BR60, HT86B70, HT86B80, HT86B90 devices,
this internal vector is used by the 16-bit Timer2. If a
overflow occurs, the program will jump to this location
and begin execution if the timer interrupt is enabled
and the stack is not full.
· Location 014H
This internal vector is used by the 8-bit Timer3. If a
overflow occurs, the program will jump to this location
and begin execution if the timer interrupt is enabled
and the stack is not full.
1 F F F H
1 6 b i t s
1 6 b i t s
0 1 5 H
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r 0
I n t e r r u p t V e c t o r
H T 8 6 B 0 5 / H T 8 6 B 1 0
H T 8 6 B R 1 0 / H T 8 6 B 2 0
H T 8 6 B 3 0 / H T 8 6 B R 3 0
0 1 4 H
T i m e r 0
I n t e r r u p t V e c t o r
T i m e r 1
I n t e r r u p t V e c t o r
T i m e r 1
I n t e r r u p t V e c t o r
T i m e r 2
I n t e r r u p t V e c t o r
T i m e r 3
I n t e r r u p t V e c t o r
T i m e r 3
I n t e r r u p t V e c t o r
H T 8 6 B 4 0 / H T 8 6 B 5 0
H T 8 6 B 6 0 / H T 8 6 B R 6 0
H T 8 6 B 7 0 / H T 8 6 B 8 0
H T 8 6 B 9 0
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com