Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B05 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT86B05
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B05 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT86B05 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
Device Types
Devices which have the letter
²BR² within their part number, indicate that they are OTP devices offering the advantages
of easy and effective program updates, using the Holtek range of development and programming tools. These devices
provide the designer with the means for fast and low-cost product development cycles. Devices which have the letter
²B² within their part number indicate that they are mask version devices. These devices offer a complementary device
for applications that are at a mature state in their design process and have high volume and low cost demands.
Part numbers including
²R² are OTP devices, all others are mask version devices.
Fully pin and functionally compatible with their OTP sister devices, the mask version devices provide the ideal substi-
tute for products which have gone beyond their development cycle and are facing cost-down demands.
In this datasheet, for convenience, when describing device functions, only the OTP types are mentioned by name,
however the same described functions also apply to the Mask type devices.
Selection Table
The devices include a comprehensive range of features, with most features common to all devices. The main features
distinguishing them are Program Memory and Data Memory capacity, Voice ROM and Voice capacity, I/O count, stack
size and package types. The functional differences between the devices are shown in the following table.
Part No.
VDD
Program
Memory
Data
Memory
Voice
ROM
Voice
Capacity
I/O
Timer
C/R-F
D/A
Stack
Package Types
8-bit
16-bit
HT86B05
2.2V~5.5V
8K
´16
192
´8
96K
´8
36sec
16
3
¾¾
12-bit
8
24SSOP
(150/209mil),
28SOP, 44QFP
HT86BR10
2.2V~5.5V
8K
´16
192
´8
192K
´8
72sec
16
3
¾¾
12-bit
8
24SSOP(209mil),
28SOP, 44QFP
HT86B10
24SSOP
(150/209mil),
28SOP, 44QFP
HT86B20
2.2V~5.5V
8K
´16
192
´8
256K
´8
96sec
16
3
¾¾
12-bit
8
28SOP, 44QFP
HT86BR30
2.2V~5.5V
8K
´16
192
´8
384K
´8
144sec
16
3
¾¾
12-bit
8
28SOP, 44QFP
HT86B30
HT86B40
2.2V~5.5V
8K
´16
384
´8
512K
´8
192sec
20
3
1
Ö
12-bit
8
28SOP, 44QFP
HT86B50
2.2V~5.5V
8K
´16
384
´8
768K
´8
288sec
20
3
1
Ö
12-bit
8
28SOP, 44QFP
HT86BR60
2.2V~5.5V
8K
´16
384
´8 1024K´8 384sec
20
3
1
Ö
12-bit
8
28SOP
HT86B60
28SOP, 44QFP
HT86B70
2.2V~5.5V
8K
´16
384
´8 1536K´8 576sec
24
3
1
Ö
12-bit
8
44/100QFP
HT86B80
2.2V~5.5V
8K
´16
384
´8 2048K´8 768sec
24
3
1
Ö
12-bit
8
44/100QFP
HT86B90
2.2V~5.5V
8K
´16
384
´8 3072K´8 1152sec 24
3
1
Ö
12-bit
8
100QFP
Note: 1. For devices that exist in more than one package formats, the table reflects the situation for the larger
package.
2. For the HT86B90, the operating voltage is 2.2V~5.5V at fSYS=4MHz/3.3V~5.5V at fSYS=8MHz.
3. Voice length is estimated by 21K-bit data rate
HT86BXX/HT86BRXX
Rev. 1.60
2
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com