Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Read-Modify-Write Mode (Successive Address Accessing)
Command Mode (Command Code:100)
Mode (Data and Command Mode)
Note:
It is recommended that the host controller should read in the data from the DATA line between the rising edge
of the RD line and the falling edge of the next RD line.
HT1621
Rev. 2.60
12
October 28, 2009
PATENTED
D A T A
C S
W R
1
0
1 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s ( M A ) D a t a ( M A )
D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0
D a t a ( M A )
D a t a ( M A + 1 ) D a t a ( M A + 1 )
R D
D 1 D 2 D 3 D 0
D a t a ( M A + 2 )
D A T A
C S
W R
1
0
0 C 8 C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0
C o m m a n d 1
C 8 C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0
C o m m a n d i
C o m m a n d . . .
C o m m a n d
o r
D a t a M o d e
R D
D A T A
C S
W R
A d d r e s s & D a t a
C o m m a n d
o r
D a t a M o d e
A d d r e s s a n d D a t a
C o m m a n d
o r
D a t a M o d e
A d d r e s s a n d D a t a
C o m m a n d
o r
D a t a M o d e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com