Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 21Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Carrier Tape Dimensions
SSOP 48W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
32.0
±0.3
P
Cavity Pitch
16.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
14.2
±0.1
D
Perforation Diameter
1.5
+0.1/-0.0
D1
Cavity Hole Diameter
1.50
+0.25/-0.00
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
12.0
±0.1
B0
Cavity Width
16.20
±0.1
K1
Cavity Depth
2.4
±0.1
K2
Cavity Depth
3.2
±0.1
t
Carrier Tape Thickness
0.35
±0.05
C
Cover Tape Width
25.5
±0.1
HT1621
Rev. 2.60
20
October 28, 2009
PATENTED
P
D 1
P 1
P 0
D
E
F
t
K 2
B 0
A 0
W
K 1
C
I C p a c k a g e p i n 1 a n d t h e r e e l h o l e s
a r e l o c a t e d o n t h e s a m e s i d e .
R e e l H o l e ( C i r c l e )
R e e l H o l e ( E l l i p s e )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com