Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1621 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Pad Assignment
Chip size: 82
´ 83 (mil)
2
Bump height: 18
mm ± 3mm
Min. Bump spacing: 23.02
mm
Bump size: 76
´ 76mm
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
HT1621
Rev. 2.60
3
October 28, 2009
PATENTED
I R Q
( 0 , 0 )
R D
W R
D A T A
V S S
O S C O
O S C I
V L C D
V D D
S E G 2 8
S E G 2 7
S E G 2 6
S E G 2 5
S E G 2 4
S E G 2 3
S E G 2 2
S E G 2 1
S E G 2 0
S E G 1 9
S E G 1 8
S E G 1 7
S E G 1 6
1
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
4 8
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
1 1
1 2
1 3 1 4 1 5 1 6 1 7 1 8 1 9
2
3
4
5
6
7
8
9
1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com