Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Application Circuits
Host Controller with an HT1621 Display System
Note:
The connection of IRQ and RD pin can be selected depending on the requirement of the MCU.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15k
W±20%.
Adjust R (external pull-high resistance) to fit user
¢s time base clock.
In order to obtain the correct frequency, two additional load capacities (C1, C2) are needed. The value of the
capacity depends on how accurate the crystal is. We suggest that you can follow the table, which suggests the
value of capacities.
The table illustrations the suggestion value of capacities (C1,C2)
Crystal Error
Capacity Value
±10ppm
0~10p
10~20ppm
10~20p
Command Summary
HT1621
Rev. 2.60
13
October 28, 2009
PATENTED
I R Q
D A T A
*
O n - c h i p O S C
O S C I
O S C O
C l o c k O u t
E x t e r n a l C o l c k 1
E x t e r n a l C o l c k 2
C S
R D
W R
C r y s t a l
3 2 7 6 8 H z
H T 1 6 2 1 B
L C D P a n e l
B Z
B Z
C O M 0 ~ C O M 3
S E G 0 ~ S E G 3 1
P i e z o
1 / 2 o r 1 / 3 B i a s ; 1 / 2 , 1 / 3 o r 1 / 4 D u t y
R
*
V R
*
V D D
V L C D
M C U
C 1
C 2
Name
ID
Command Code
D/C
Function
Def.
READ
110
A5A4A3A2A1A0D0D1D2D3
D
Read data from the RAM
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
Write data to the RAM
READ-MODIFY-
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
READ and WRITE to the RAM
SYS DIS
100
0000-0000-X
C
Turn off both system oscillator and LCD
bias generator
Yes
SYS EN
100
0000-0001-X
C
Turn on system oscillator
LCD OFF
100
0000-0010-X
C
Turn off LCD bias generator
Yes
LCD ON
100
0000-0011-X
C
Turn on LCD bias generator
TIMER DIS
100
0000-0100-X
C
Disable time base output
WDT DIS
100
0000-0101-X
C
Disable WDT time-out flag output
TIMER EN
100
0000-0110-X
C
Enable time base output
WDT EN
100
0000-0111-X
C
Enable WDT time-out flag output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com