Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2 Datasheet(PDF) 2 Page - EPCOS

Part # AT2
Description  Pressure sensors Absolute pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AT2 Datasheet(HTML) 2 Page - EPCOS

  AT2 Datasheet HTML 1Page - EPCOS AT2 Datasheet HTML 2Page - EPCOS AT2 Datasheet HTML 3Page - EPCOS AT2 Datasheet HTML 4Page - EPCOS AT2 Datasheet HTML 5Page - EPCOS AT2 Datasheet HTML 6Page - EPCOS AT2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pressure sensors
Absolute pressure transducers
AT2 series
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Description
The transducers are based on piezoresistive silicon pressure sensors
from our own clean room.
The robust stainless steel casing is accentuated
through its excellent mechanical decoupling.
Features
Piezoresistive MEMS technology
Measured media:
Air, non-aggressive gases (gas humidity 0 ... 85% r.h., without dew)
Unsuitable for substances which react with glass, silicon, gold,
aluminum, stainless steel, silicone glue or silicone gel.
Whetstone bridge with mV output, proportional to pressure
and ratiometric to supply voltage
RoHS-compatible, halogen-free
TO39 package for PCB mounting
Dimensional drawings
Type TH (M5 thread connection)
6.5
4
2
1
3
6.2
5
pressure port
4
TO39
Ø5.
08
All dimensions in mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com