Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2 Datasheet(PDF) 3 Page - EPCOS

Part # AT2
Description  Pressure sensors Absolute pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AT2 Datasheet(HTML) 3 Page - EPCOS

  AT2 Datasheet HTML 1Page - EPCOS AT2 Datasheet HTML 2Page - EPCOS AT2 Datasheet HTML 3Page - EPCOS AT2 Datasheet HTML 4Page - EPCOS AT2 Datasheet HTML 5Page - EPCOS AT2 Datasheet HTML 6Page - EPCOS AT2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pressure sensors
Absolute pressure transducers
AT2 series
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 3 of 7
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Temperature ranges
Storage temperature range
Tst
1)
–40
+125
°C
Operating temperature range
Ta
2)
–30
+85
°C
Soldering temperature
Tsolder
<5 s (no reflow soldering)
+240
°C
Supply voltage /-current
Supply voltage
VDD
5)
10
V
DC break down voltage
Vis
6)
500
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Offset / bridge resistance @ Ta = 25 °C, VDD = 5 V
Bridge resistance
RS
(Pin 2-4)
2.6
3.3
4.0
kΩ
Offset
V0
7)
–30
0
+30
mV
Data in temperature range @ Ta = –30 ... 85 °C, VDD = 5 V
Temperature hysteresis
10)
±0.1
±0.5
% FS
Temperature coefficients of the
αRs
11)
2.0
2.3
2.6
10
-3/K
bridge resistance
βRs
3
5
8
10
-6/K2
Temperature coefficients of the
αS
12)
–2.5
–2.2
–1.9
10
-3/K
sensitivity
βS
3
5
8
10
-6/K2
Temperature coefficient of offset
TCV0
13)
±4
µV/VK
Data dependent on rated pressure @ Ta = 25 °C, VDD = 5 V
Rated pressure pr
3)
TCV0
13)
Sensitivity S
8)
Nonlinearity L
9)
Overpressure pov
4)
bar
Max.
µV/VK
Min.
mV/bar
Typ.
mV/bar
Max.
mV/bar
Typ.
% FS
Max.
% FS
Min.
bar
1.600
±10
45
70
95
4
2.500
±10
36
49
60
5
4.000
±10
23
31
38
6
6.000
±10
15
21
25
9
10.00
±10
9
12
15
15
16.00
±10
6.4
7.8
9
24
25.00
±10
4.1
5
5.9
±0.2
±0.3
37.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com