Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2 Datasheet(PDF) 5 Page - EPCOS

Part # AT2
Description  Pressure sensors Absolute pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AT2 Datasheet(HTML) 5 Page - EPCOS

  AT2 Datasheet HTML 1Page - EPCOS AT2 Datasheet HTML 2Page - EPCOS AT2 Datasheet HTML 3Page - EPCOS AT2 Datasheet HTML 4Page - EPCOS AT2 Datasheet HTML 5Page - EPCOS AT2 Datasheet HTML 6Page - EPCOS AT2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pressure sensors
Absolute pressure transducers
AT2 series
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 5 of 7
Important notes at the end of this document.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Ta
An operation of the pressure sensor within the temperature range Ta,min up to Ta,max
will not affect the performance of the pressure sensor.
3)
Rated pressure pr
Within the rated pressure range 0 up to pr the signal output characteristic corresponds to this specification.
4)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
5)
Supply voltage VDD
VDD,max is the maximum permissible supply voltage, which can be applied without damages.
The output voltage Vout is ratiometric (Vout ~ VDD).
6)
DC break down voltage Vis
The pressure sensor withstands a high voltage between the stainless steel pressure connection and the electrical
connection VDD and Vout (all short circuited) without damage.
7)
Offset V0
The offset V0 is the signal output Vout(p = 0) at zero pressure.
8)
Sensitivity S
Within the pressure range 0 up to pr the output voltage is Vout(px) = V0 + S · px
9)
Nonlinearity L (including pressure hysteresis)
The nonlinearity is the deviation of the real sensor characteristic Vout = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 .
The equation to calculate the nonlinearity is:
r
x
0
r
out
0
x
out
p
p
V
)
p
(
V
V
)
p
(
V
L
=
10) Temperature hysteresis
The temperature hysteresis is the change of offset, starting from the value at 25 °C after a temperature change
and return to 25 °C. Determined during temperature cycles in operating temperature range (cycles with 1 K/min).
(Full Scale): FS = VFS = S · pr
11) Temperature coefficients of the bridge resistance α
α
α
αRS, β
β
β
βRS
Bridge resistance at temperature Tx: RS(Tx) = RS(25 °C) · [ 1 + αRS · (Tx – 25 °C) + βRS · (Tx – 25 °C)
2 ]
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.
12) Temperature coefficients of the sensitivity α
α
α
αS, β
β
β
βS
Sensitivity at temperature Tx: S(Tx) = S(25 °C) · [ 1 + αS · (Tx – 25 °C) + βS · (Tx – 25 °C)
2 ]
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.
13) Temperature coefficient of offset TCV
0
Offset at temperature Tx: V0(Tx) = V0(25 °C) + TCV0 · (Tx – 25 °C) · VDD
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com