Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2 Datasheet(PDF) 4 Page - EPCOS

Part # AT2
Description  Pressure sensors Absolute pressure transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AT2 Datasheet(HTML) 4 Page - EPCOS

  AT2 Datasheet HTML 1Page - EPCOS AT2 Datasheet HTML 2Page - EPCOS AT2 Datasheet HTML 3Page - EPCOS AT2 Datasheet HTML 4Page - EPCOS AT2 Datasheet HTML 5Page - EPCOS AT2 Datasheet HTML 6Page - EPCOS AT2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pressure sensors
Absolute pressure transducers
AT2 series
Preliminary data
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 4 of 7
Important notes at the end of this document.
Terminal assignment
Pin
Symbol
Terminal assignment
1
n.c.
Do not connect
2
VDD+
Supply voltage
3
Vout–
Output voltage
4
VDD–
Supply voltage
5
Vout+
Output voltage
2 VDD+
5 Vout+
3 Vout–
4 VDD–
The polarity of Vout applies to positive pressure.
Negative pressure or a reversed supply voltage
results in a reversed polarity of the output voltage Vout.
Rated pressures and ordering codes
Rated pressure pr
bar
Product type
Ordering code
1.600
ATA 1.600 MA0 HG
B58610T4600A001
2.500
ATA 2.500 MA0 HG
B58610T4600A002
4.000
ATA 4.000 MA0 HG
B58610T4600A003
6.000
ATA 6.000 MA0 HG
B58610T4600A004
10.00
ATA 10.00 MA0 HG
B58610T4600A005
16.00
ATA 16.00 MA0 HG
B58610T4600A006
25.00
ATA 25.00 MA0 HG
B58610T4600A007



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com