Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7712 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
ST7712
Ver 2.3
43/113
2007/07/19
7.8 Frame-Frequency Adjustment Function
The ST7712 includes frame frequency adjustment function. While the oscillation frequency is fixed, the frame frequency
during the LC drive can be adjusted by the Frame cycle set instruction (0BH) setting (DIV, RTN). Setting the oscillation
frequency high in advance allows switching the frame frequency in accordance to the kind of picture to display (i.e.
moving/still picture). When displaying a still picture, set the frame frequency low to save power consumption, while
setting the frame frequency high for displaying a moving picture which requires high-speed switching of screens.
7.8.1 Relationship between Liquid Crystal Drive Duty and Frame Frequency
The relationship between the liquid crystal drive duty and the frame frequency is calculated by the following formula.
The frame frequency is adjusted through the Frame cycle set instruction (0BH) setting with the 1-H period adjustment bit
(RTN bit) and the operation clock division bit (DIV bit).
Example calculation
Number of drive raster-rows: 132
1-H period: 16 clock cycles (RTN3-0 = 0000)
Operation clock division ratio: 1/1
fosc = 60 Hz × (0 + 16) clock × 1/1 × (132 + 16) lines = 142 (kHz)
In this case, the R-C oscillation frequency becomes 142 kHz. Adjust the external resistor to the R-C oscillator to 142
kHz.
fOSC: R-C oscillation frequency
Line: Number of raster-rows (NL bit)
Clock cycles per raster-row: RTN bit
Division ratio: DIV bit
The No. of raster-rows for the front porch: FP
The No. of raster-row for hte back porch: BP
Frame frequency =
fOSC
Clock cycles per raster-row x division ratio x (Line+BP+FP)
[Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com