Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7712 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
ST7712
Ver 2.3
17/113
2007/07/19
Vcom2
current with amplitude VcomH-VcomL. The alternating cycle is
changeable with register setting. The COM register controls the
operation start/halt.
command
electrode
VcomH
O
This pin indicates a high level of Vcom generated in driving the Vcom
alternation.
3
Stabilizing
Capacitor
VcomL
O
When the Vcom alternation is driven, this pin indicates a low level of
Vcom.
An internal register can be used to adjust the voltage.
3
Stabilizing
Capacitor
VcomR
I
Use to adjust VcomH with an external variable resistor.
To adjust VcomH, place a variable resistor between VREG1OUT and
GND.
1
Variable
resistor or
open
VGS
I
A reference level for the grayscale voltage generating circuit.
2
GND
VMON
--
Test pin. Leave open.
1
Open
VLPWR
--
Test pin. Connect to capacitors externally or leave open.
1
Capacitor
or open
REGP
--
Test pin. Leave open.
1
Open
VSSF
--
For Vcom voltage fine tune by trim fuse
1
Open
FUS0~4
--
Test pin. Leave open.
5
Open
FUSA0~A4
--
For Vcom voltage fine tune by trim fuse
4
Open
VDDO
--
Test pin. Connect to capacitors externally
2
Capacitor
or open
IOVccDUM1
O
Internal IOVcc level. Use to fix the electric potential for unused
interface or fixed pins . When not used, leave open.
2
Open
IOGNDDUM1,2
O
Internal GND level. Use to fix the electric potential for unused
interface or fixed pins. When not used, leave open.
4
Open
VCMDUMMY1,2
--
A power supply for the TFT common electrode. Output an alternating
current with amplitude VcomH-VcomL. The alternating cycle is
changeable with register setting. The COM register controls the
operation start/halt.
2
Open
DUMMYA,B,C,D
--
DUMMY pad, When no used, leave open
4
open
DUMMY1,2,3,4,5,6,7,8,9
--
DUMMY pad, When no used, leave open
9
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com