Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7712 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
ST7712
Ver 2.3
95/113
2007/07/19
SCL H pulse width (READ)
tSDOH
110
ns
(VDD =1.8V, Ta=-40℃
℃
℃
℃~85℃
℃
℃
℃)
Rating
Item
Signal
Symbol
Min
Max
Units
Serial Clock Period
tSCYC
50
SCL “H” pulse width
tSHW
20
SCL “L” pulse width
SCL
tSLW
30
ns
Data setup time
tSDS
10
Data hold time
SDI
tSDH
20
ns
tCSS
20
XCS-SCL time
XCS
tCSH
30
ns
SCL L pulse width (READ)
tSDOS
110
ns
SCL H pulse width (READ)
tSDOH
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com