Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1005GA600 Datasheet(PDF) 11 Page - SAMWHA ELECTRIC

Part # CB1005GA600
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GA600 Datasheet(HTML) 11 Page - SAMWHA ELECTRIC

Back Button CB1005GA600 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 9Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 10Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 11Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 12Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 13Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 14Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 15Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 2012 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
500
0.06
50
CB2012GK500
40
200
0.60
2000
CB2012GA202
100
300
0.45
1000
CB2012GK102
40
300
0.60
2000
CB2012GK202
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
200
0.25
470
CB2012GA471
200
0.30
600
CB2012GA601
200
0.45
1000
CB2012GA102
500
0.08
15
CB2012GK150
300
0.35
470
CB2012GK471
300
0.30
300
CB2012GK301
300
0.30
220
CB2012GK221
300
0.20
150
CB2012GK151
300
0.20
120
CB2012GK121
300
0.40
600
CB2012GK601
200
0.25
300
CB2012GA301
200
0.20
220
CB2012GA221
200
0.15
150
CB2012GA151
200
0.15
120
CB2012GA121
500
0.06
60
CB2012GA600
500
0.06
50
CB2012GA500
500
0.025
30
CB2012GA300
100
500
0.010
10
CB2012GA100
DPS-081104
CHIP BEADS, For Signal Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com