Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1005GA600 Datasheet(PDF) 18 Page - SAMWHA ELECTRIC

Part # CB1005GA600
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GA600 Datasheet(HTML) 18 Page - SAMWHA ELECTRIC

Back Button CB1005GA600 Datasheet HTML 14Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 15Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 16Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 17Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 18Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 19Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 20Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 21Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 22Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
Reliability & Test Condition
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Temperature : 125
± 3 ℃
Applied current : rated current
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
High temperature
load resistance
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity
resistance
Preheat temperature : 150 ℃
Preheat time : 60 sec.
Solder temperature : 245
± 5 ℃
Soldering time : 10 sec. max.
(Reflow soldering profile)
More than 50% of the terminal electrode
shall be covered with new solder
Reflow soldering
at packing condition
40 ℃ max., 70% RH max.
Storage
temperature range
Preheat temperature : 100 ~ 150 ℃
Preheat time : 60 sec.
Solder temperature : 245
± 5 ℃
Soldering time : 10
± 1 sec.
More than 90% of the terminal electrode shall be
covered with new solder
Solderability
Preheat temperature : 100 ~ 150 ℃
Preheat time : 60 sec.
Solder temperature : 270
± 10 ℃
Soldering time : 10
± 0.5 sec.
1. No damage such as cracks should be
caused in chip element
2. More than 75% of the terminal electrode
shall be covered with new solder
3. Impedance shall not change
more than ±30 %
Resistance to
soldering heat
Temperature : 125
± 3 ℃
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
1. No mechanical damage
2. Impedance shall not change more than ±30 %
High temperature
resistance
-
- 55 ℃ ~ + 125 ℃
Operating
temperature range
Test Conditions
Requirements
Item
ST ≥
CT
1
2
CT
ST
DPS-081104
CHIP BEADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com