Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1005GA600 Datasheet(PDF) 19 Page - SAMWHA ELECTRIC

Part # CB1005GA600
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GA600 Datasheet(HTML) 19 Page - SAMWHA ELECTRIC

Back Button CB1005GA600 Datasheet HTML 14Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 15Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 16Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 17Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 18Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 19Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 20Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 21Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 22Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
5.0
3.8
3.6
1.5
4532
5.0
3.0
3.6
1.5
4516
5.0
3.0
1.5
1.3
3216
4.0
1.3
1.0
1.0
2012
2.0
1.3
0.8
1.0
1608
ITEM
1005
0.7
0.5
B
(mm)
0.7
0.7
W
(kgf)
C
(mm)
A
(mm)
No mechanical damage
Flexure strength
1. No mechanical damage
2. Impedance shall not change more than ±30 %
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Applied current : rated current
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity load
resistance
Temperature : -55
± 3 ℃
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Low temperature
resistance
1. -55
± 3℃ for 30 minutes
2.125
± 3 ℃ for 30 minutes
3. repeat 100 cycle
Thermal shock
The terminal electrode shall be neither break off
nor the chip damage
Drop 10 times on a concrete floor
from a height of 100 cm
Drop
Bending strength
Frequency : 10 ~ 55 Hz
Amplitude : 1.5 mm
Direction : X, Y, Z
Sweep time : 2 hours for each axis
Vibration
Test Conditions
Requirements
Item
Reliability & Test Condition
DPS-081104
CHIP BEADS
W
A
B
C
R0.5
A
20
50
R340
W
2 mm
Resistance meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com