Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1005GA600 Datasheet(PDF) 22 Page - SAMWHA ELECTRIC

Part # CB1005GA600
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GA600 Datasheet(HTML) 22 Page - SAMWHA ELECTRIC

Back Button CB1005GA600 Datasheet HTML 14Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 15Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 16Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 17Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 18Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 19Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 20Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 21Page - SAMWHA ELECTRIC CB1005GA600 Datasheet HTML 22Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
DPS-081104
CHIP BEADS
Soldering Profile
2 sec. max.
150
v Reflow Soldering
v Flow Soldering
v Manual Soldering
Cooling
Soldering
Pre - heating
150
60~120 sec.
10 sec. max.
60 sec. min.
245±5℃
180
230
30~60 sec.
Cooling
Soldering
Pre - heating
250
60 sec. min.
10 sec. max.
60 sec. min.
250±5℃
180
300
Tc
Soldering Iron : 30W max.
Diameter of soldering iron : 1.2 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com