Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12082R5ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS12082R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS12082R5ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS12082R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
@ Inductance VS. DC Current Curve
331K
@ DC Current VS. Temp. Rise Curve
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
5
AR-001A
101
100
101
3
2
2
3
7
5
DC Current (mA)
10
7
52
2
5
3
3
7 10
7
3
2
5
10
2
2
3
102K
102
2
103
7
10
3
2
101
0
DC Current (mA)
2
2
7 10
5
3
7
5
3
10
101
270
100
10
5
3
7
1
3
2
7
5
REF : 20081203-B
Ⅵ﹒CURVE:
SHIELDED SMD
NAME
PROD.
102
331
7
2
5
3
103
POWER INDUCTOR
10
3
27
5
4
270M
101Y
100M
10
7
5
3
2
4
SS1208□□□□L□-□□□
PAGE: 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com