Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12082R5ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS12082R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS12082R5ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS12082R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
e﹒Resistance to solder heat:260℃ . 10 secs.
b﹒Rated current :Base on temp. rise
a﹒Temp. rise :40℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+105℃
d﹒Base:LCP
c﹒Wire :Enamelled copper wire (class F)
Ⅳ﹒GENERAL SPECIFICATION:
g﹒Remark:Products comply with RoHS'
f﹒Adhesive:Epoxy resin
b﹒Core:Ferrite RI core
e﹒Terminal:Cu/Ni/Sn
AR-001A
Time ( seconds )
150 ~ 200
/ 60 ~ 120sec
℃
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
&
L / L0A=10% max.
△
0
100
50
50
200
150
250
requirements
Peak Temp:260℃ max.
Temperature
Rising Area
+4.0
/ sec max.
℃
Peak Temperature:
260℃
100
150
200
70sec max.
50sec max.
250
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
Preheat Area
Reflow Area
+2.0 ~ 4.0
℃
/ sec max.
e
f
d
c
a﹒Core:Ferrite DR core
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
SHIELDED SMD
Marking
Inductance code
NAME
PROD.
REF : 20081203-B
m/m
I
:
4.0 ref.
E
F
I
G
I
a
( PCB Pattern )
b
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
A
POWER INDUCTOR
m/m
m/m
m/m
m/m
m/m
m/m
m/m
C
:
8.0±0.5
E
:
2.3±0.2
G
:
6.0 ref.
H
:
7.0 ref.
F
:
5.0±0.2
B
:
12.7±0.3
A
:
12.7±0.3
SS1208□□□□L□-□□□
PAGE: 1


Similar Part No. - SS12082R5ML

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SS120 WILLAS-SS120 Datasheet
281Kb / 2P
1.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE
logo
Gaomi Xinghe Electronic...
SS120 GXELECTRONICS-SS120 Datasheet
324Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS120 CHENDA-SS120 Datasheet
324Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
First Components Intern...
SS120 FCI-SS120 Datasheet
111Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
logo
Formosa MS
SS120 FORMOSA-SS120 Datasheet
119Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS12082R5ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com