Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12082R5ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS12082R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS12082R5ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS12082R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
___
___
___
4
3
220
180
0.75
94V-0
220
NC , BK
NC , BK
AR-001A
E400(Y)L , E4008L
E4810
___
___
___
___
___
___
1.5
94V-0
130
94V-0
3.0
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.75
0.30
1.5
3.0
0.75
3.0
1.5
0.30
130
130
130
130
130
220
130
220
4
0
130
130
130
130
10
4
130
130
130
130
130
130
130
130
130
130
200
200
130
240
240
130
4
3
1
2
0
___
0
___
4
4
4
1
2
___
0
___
4
4
___
___
54
___
___
___
5
___
___
4
___
___
5
___
___
4
___
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
Col
NC , BK
NC , BK
NC , WT , BK
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
REF : 20081203-B
E4010
E4008
Mtl Dsg
E4008 , E400X
NAME
PROD.
SHIELDED SMD
SS1208□□□□L□-□□□
E54705 (M)
___
___
___
___
___
___
___
___
0.75
94V-0
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.75
1.5
3.0
0.30
3.0
1.5
0.30
220
220
130
220
130
130
130
Class
94V-0
Flame
UL94
Thk
mm
0.30
Min
130
Elec
4
3
130
130
220
180
200
200
130
240
240
130
130
130
130
130
130
130
4
3
1
2
___
0
___
4
4
1
2
___
0
___
4
4
with
w/o
Imp
130
Imp
130
Mech
RTI
AT
W
___
IR
___
I
H
H
HV
ABC'S DWG NO.
ABC'S ITEM NO.
___
___
___
___
___
5
___
___
4
___
___
5
___
___
4
___
T
9
___
5
___
___
I
___
D
4C
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com