Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12082R5ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SS12082R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS12082R5ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SS12082R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS12082R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Polyamideimide
Polyamide
Polyamide
, material designation or marked designation on packaed or reel, and
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
September 8, 2000
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
Polyesterimide
EIW
____
fies base coated magnet wire twisted together and covered with top coat overall.
AR-001A
Marking: Company name or trademarks
See General Information Preceding These Recognitions
287806002
Recognized Component Mark.
Page 2 of 2
榮星電線
or
Polyurethane
SFFW
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
UEW-1
____
UEY-2
UEW-4
UEW-2
UEY
____
____
____
____
SFFY
Mtl
Dsg
287806002
Dsg
Mark
____
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
BC
Coat Typ
Page 1 of 2
SF.BY@
____
____
SF.BLOCKBS
SF.EILOCKY#
SF.EILOCKBS
SF.BW@
SF.FLY@
____
____
____
____
____
FL.EILOCKY
PEW
SF.FLW
SF.EIW
PEY
EIW-2
LSFFW
LSUEW
____
____
____
____
____
____
____
Modified Polyester
Modified
Polyester
Polyesterimide
Modified Polyester
Modified Polyester
Polyesterimide
Polyurethane
Polyurethane
Polyester
Polyester
Polyesterimide
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
REF : 20081203-B
Ⅹ﹒UL CARD:
NAME
PROD.
Magnet Wire-Component
JUNG SHING WIRE CO LTD
Mtl
Mark
EIAIW
EILOCKW
EILOCKY
AIW
CFUEWB
Dsg
____
____
____
____
Dsg
____
____
HSIEN TAIWAN
Coat Typ
Polyurethane
Polyamideimide
Polyesterimide
Polyesterimide
Polyesterimide
BC
POWER INDUCTOR
OBMW2
SHIELDED SMD
220
____
September 8 , 2000
OBMW2⁄E174837
155
MW79
130
130
130
155
Temp
Class
105
130
A not-for-profit organization
dedicated to publ ic safety and
committed to quality service
MW2-C
____
____
____
Nylon
MW28-C
MW28-C
MW75C
___
OC
MW80C
ANSI
Type
200
155
155
130
155
180
155
155
155
180
155
155
155
180
MW27-C
Nylon
Polyamide
Polyamide
Modified
____
Modified
Nylon
Polyamide
___
MW26C
MW27-C
___
___
____
Nylon
____
____
Polyamide
____
____
___
MW26C
MW77C
MW24-C
MW74-C
MW79-C
___
___
200
130
220
Class
Temp
200
180
E174837
ANSI
Epoxy
Modified
Polyamide
____
____
____
OC
MW35C
___
___
___
MW81-C
MW75C
Type
SS1208□□□□L□-□□□
PAGE: 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com