Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE510 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE510
Description  Dual, Low noise, 150mA LDO regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE510 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE510 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
 
                                                                                                                     
ACE510
                        Technology
D
ual, Low noise, 150mA LDO regulator
VER 1.2
3
Ordering information
Selection Guide
ACE510 XX XX + H
Halogen - free
Output Voltage: 
A:1.5V(Output1),2.5V(Output2)
B:1.5V(Output1),2.8V(Output2)
C:1.5V(Output1),3.0V(Output2)
D:1.5V(Output1),3.3V(Output2)
E:1.5V(Output1),4.0V(Output2)
F:1.8V(Output1),1.8V(Output2)
G:1.8V(Output1),2.5V(Output2)
H:1.8V(Output1),2.8V(Output2)
I: 1.8V(Output1),3.0V(Output2)
J:1.8V(Output1),3.3V(Output2)
K: 2.5V(Output1),1.8V(Output2)
L:2.5V(Output1),2.5V(Output2)
M:2.8V(Output1),1.8V(Output2)
N:2.8V(Output1),2.5V(Output2)
O:2.8V(Output1),2.8V(Output2)
P:2.8V(Output1),3.0V(Output2)
Q:3.0V(Output1),2.5V(Output2)
R:3.0V(Output1),3.0V(Output2)
S:3.0V(Output1),3.3V(Output2)
T:3.3V(Output1),1.8V(Output2)
U:3.3V(Output1),2.5V(Output2)
V:3.3V(Output1),2.8V(Output2)
W:5.0V(Output1),3.3V(Output2)
X:2.8V(Output1),1.5V(Output2)
Y:2.8V(Output1),3.3V(Output2)
Z:3.3V(Output1),3.3V(Output2) 
Pb - free
CGM : SPT-23-6C
DGM : SOT-23-6D
EGM : SOT-23-6E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com