Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE510 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE510
Description  Dual, Low noise, 150mA LDO regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE510 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE510 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
                                                                                                                     
ACE510
                        Technology
D
ual, Low noise, 150mA LDO regulator
VER 1.2
1 
Description
The ACE510 dual, low-noise, low-dropout regulator delivers at least 150mA of continuous output current.
The output voltage for each regulator is set independently by trimming. Voltages are selectable in 100mV
steps within a range of 1.2V to 5.0V.Typical output noise is 27uVrms,and PSRR is 65dB at 1KHz. The
ACE510 includes two independent logic-controlled shutdown inputs and allows the output of each
regulator to be turned of independenly.
The ACE510 includes high accuracy voltage reference, error amplifier, current limit circuit and output
driver module.
The ACE510 has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within±2%. The ACE510 is available in SOT-23-6 package which is lead (Pb)- free  
Features
• Two low dropout voltage regulators
• 150mA output current for each LDO
• 25uA operating supply current per LDO
• Low 27uV
RMS output noiseV~10V
• Standby Mode: 0.1uA
• Low 200mV dropout at 100mA load
• 65dB PSRR at kHz
• Excellent Line regulation: 0.05%/V
• Independent Shutdown controls
• 1.2V to 5.0V Factory-Preset Output
• Output Current Limit
• Highly Accurate: ±2% (±1% customized)
Application
• Cellular phones
• Cordless phones and radio communication equipment
• Battery Powered equipment
• Notebook and hand-ole equipment
• Wireless LAN
• GPS receivers
Typical Performance Characteristic:
ACE505-1.8V Output
Output Current Iout (mA)


Similar Part No. - ACE510

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511115AM+H ACE-ACE511115AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511115BM+H ACE-ACE511115BM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118AM+H ACE-ACE511118AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118BM+H ACE-ACE511118BM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
More results

Similar Description - ACE510

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
Dual ,Low-Noise,150mA LDO Regulator
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com